Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 24 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 24 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT 106963 Datasheet HTML 21Page - PHOENIX CONTACT 106963 Datasheet HTML 22Page - PHOENIX CONTACT 106963 Datasheet HTML 23Page - PHOENIX CONTACT 106963 Datasheet HTML 24Page - PHOENIX CONTACT 106963 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 24 / 25
17
Operating modes
17.1
Series operation
Two power supplies can be switched in series, to double the
output voltage. For connection in series, only power
supplies of the same performance class should be used. An
output voltage of, for example, 24 V DC can be provided, if
two 12 V power supplies are connected in series.
Various voltage levels are made possible by varying the
switching of the respective output voltage and the
measurement reference point.
Figure 21
Wiring principle, voltage levels with two power
supplies
17.2
Parallel operation
Devices of the same type can be connected in parallel to
increase both redundancy and power. By default upon
delivery, no further adjustments are required.
If the output voltage is adjusted, a uniform distribution of
power is guaranteed by setting all parallel operated power
supply units to exactly the same output voltage.
To ensure symmetrical current distribution we recommend
that all cable connections from the power supply unit to the
busbar are the same length and have the same cross
section.
Depending on the system, for parallel connection of more
than two power supplies a protective circuit should be
installed at each individual device output (e.g., decoupling
diode, DC fuse or circuit breaker). This prevents high return
currents in the event of a secondary device fault.
Figure 22
Schematic diagram in parallel operation
17.3
Redundant operation
Redundant circuits are suitable for supplying systems which
place particularly high demands on operational reliability. If
a fault occurs in the primary circuit of the first power supply,
the second device automatically takes over the complete
power supply without interruption, and vice versa. To this
end, the power supplies to be connected in parallel are
dimensioned so that the total current requirements of all
loads can be fully met by a single power supply. External
decoupling diodes are required for 100% redundancy.
17.3.1 Decoupling with diode module
Figure 23
Schematic diagram, decoupling with diode
module
-24 V
-
+
-
+
+12 V
-12 V
-
+
-
+
+24 V
-
+
-
+
Σ =I
N
+
–
+–
-
+
I
N
-
+
I
N
Σ =I
N
+
–
+–
-
+
I
N
-
+
I
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com