Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 3Page - PHOENIX CONTACT 106963 Datasheet HTML 4Page - PHOENIX CONTACT 106963 Datasheet HTML 5Page - PHOENIX CONTACT 106963 Datasheet HTML 6Page - PHOENIX CONTACT 106963 Datasheet HTML 7Page - PHOENIX CONTACT 106963 Datasheet HTML 8Page - PHOENIX CONTACT 106963 Datasheet HTML 9Page - PHOENIX CONTACT 106963 Datasheet HTML 10Page - PHOENIX CONTACT 106963 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT
7 / 25
LED signaling
Signalization designation
DC OK
Status indicator
LED
Color
green
Signal threshold
U
OUT > 0.9 x UN (UN = 12 V DC)
Relay output
Signalization designation
DC OK
Contact assignment
13/14 ( closed )
Maximum contact load
30 V AC / 30 V DC ( 100 mA )
Signal threshold
U
OUT > 0.9 x UN (UN = 12 V DC)
Signal connection data
Connection method
Push-in connection
Conductor cross section, solid
0.2 mm² ... 1.5 mm²
Conductor cross section, flexible
0.2 mm² ... 1.5 mm²
Stranded conductor cross section with ferrule
0.2 mm² ... 1.5 mm²
Conductor cross section AWG
24 ... 16
Stripping length
8 mm
Reliability
230 V AC
MTBF (IEC 61709, SN 29500)
> 5800000 h (25 °C)
> 2900000 h (40 °C)
> 1500000 h (60 °C)
General data
Degree of protection
IP20
Protection class
II (in closed control cabinet)
Inflammability class in acc. with UL 94 (housing / terminal
blocks)
V0
Type of housing
Polycarbonate
Hood version
Polycarbonate
Dimensions W / H / D (state of delivery)
30 mm / 130 mm / 115 mm
Weight
0.32 kg
Power dissipation
120 V AC
230 V AC
Maximum power dissipation in no-load condition
typ. 0.4 W
typ. 0.8 W
Power loss nominal load max.
typ. 10.7 W
typ. 9.9 W
Efficiency
120 V AC
230 V AC
typ. 85 %
typ. 85.6 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com