Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 9Page - PHOENIX CONTACT 106963 Datasheet HTML 10Page - PHOENIX CONTACT 106963 Datasheet HTML 11Page - PHOENIX CONTACT 106963 Datasheet HTML 12Page - PHOENIX CONTACT 106963 Datasheet HTML 13Page - PHOENIX CONTACT 106963 Datasheet HTML 14Page - PHOENIX CONTACT 106963 Datasheet HTML 15Page - PHOENIX CONTACT 106963 Datasheet HTML 16Page - PHOENIX CONTACT 106963 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 13 / 25
7
Basic circuit diagram
Figure 2
Block diagram
8
Structure
Figure 3
Function elements
Key:
Rectification
Switch
Electrically isolated signal transmission
Regulation
Transformer
Filter
Floating switching output
1
3
14
L
/+
N/-
+
+
-
-
-
No.
Description of the function elements
1.
Connection terminal block input voltage: Input L/N
2.
Connection terminal block output voltage:
Output DC +/-
3.
Potentiometer, output voltage: 12 V DC ... 18 V DC
4.
Signaling DC OK LED
5.
Floating signal contact: max. 30 V AC/DC, 100 mA
6.
Integrated universal snap-on foot
L/+
N/-
11
2- 8V
DC OK
13
14
+
+
-
-
-
class 2 output
2
5
4
3
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com