Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 5Page - PHOENIX CONTACT 106963 Datasheet HTML 6Page - PHOENIX CONTACT 106963 Datasheet HTML 7Page - PHOENIX CONTACT 106963 Datasheet HTML 8Page - PHOENIX CONTACT 106963 Datasheet HTML 9Page - PHOENIX CONTACT 106963 Datasheet HTML 10Page - PHOENIX CONTACT 106963 Datasheet HTML 11Page - PHOENIX CONTACT 106963 Datasheet HTML 12Page - PHOENIX CONTACT 106963 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT
9 / 25
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission according to EN 61000-6-3 (residential and commercial) and EN 61000-6-4 (industrial)
CE basic standard
Minimum normative
requirements
Higher requirements in
practice (covered)
Conducted noise emission EN 55016
EN 61000-6-4 (Class A)
EN 61000-6-3 (Class B)
Noise emission EN 55016
EN 61000-6-4 (Class A)
EN 61000-6-3 (Class B)
Harmonic currents EN 61000-3-2
Class B
Class A, B
Flicker EN 61000-3-3
not required
0 kHz ... 2 kHz
Immunity according to EN 61000-6-1 (residential), EN 61000-6-2 (industrial)
CE basic standard
Minimum normative
requirements of EN 61000-
6-2 (CE)
(immunity for industrial
environments)
Higher requirements in
practice (covered)
Electrostatic discharge EN 61000-4-2
Housing contact discharge
4 kV (Test Level 2)
6 kV (Test Level 3)
Housing air discharge
8 kV (Test Level 3)
8 kV (Test Level 3)
Comments
Criterion B
Criterion A
Electromagnetic HF field EN 61000-4-3
Frequency range
80 MHz ... 1 GHz
80 MHz ... 1 GHz
Test field strength
10 V/m (Test Level 3)
10 V/m (Test Level 3)
Frequency range
1.4 GHz ... 2 GHz
1 GHz ... 2 GHz
Test field strength
3 V/m (Test Level 2)
10 V/m (Test Level 3)
Frequency range
2 GHz ... 2.7 GHz
2 GHz ... 3 GHz
Test field strength
1 V/m (Test Level 1)
10 V/m (Test Level 3)
Comments
Criterion B
Criterion A
Fast transients (burst) EN 61000-4-4
Input
2 kV (Test Level 3 -
asymmetrical)
4 kV (Test Level 3 -
asymmetrical)
Output
2 kV (Test Level 3 -
asymmetrical)
2 kV (Test Level 3 -
asymmetrical)
Signal
1 kV (Test Level 3 -
asymmetrical)
2 kV (Test Level 3 -
asymmetrical)
Comments
Criterion B
Criterion A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com