Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 18 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 18 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 14Page - PHOENIX CONTACT 106963 Datasheet HTML 15Page - PHOENIX CONTACT 106963 Datasheet HTML 16Page - PHOENIX CONTACT 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT 106963 Datasheet HTML 21Page - PHOENIX CONTACT 106963 Datasheet HTML 22Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 18 / 25
14
Output
A DC voltage for supplying the load is provided at the output
of the power supply. The load is connected via the OUTPUT
+/- connection terminal blocks.
By default, the power supply is pre-set to a nominal output
voltage of 12 V DC.
The output voltage can also be set to the range from 12 V DC
to 18 V DC using the potentiometer in order to compensate
for a possible voltage drop due to the long cable lengths
between the power supply and the load to be supplied.
14.1
Position of output terminals
Figure 14
Position of output terminals
14.2
Protection of the secondary side
The power supply is electronically short-circuit-proof and
idling-proof. In the event of an error, the output voltage is
limited. It must be ensured that all output cables are
dimensioned accordingly for the maximum output current or
have separate protection.
The connecting cables on the secondary side should have
large cross sections to keep the voltage drops in the cables
as low as possible.
Figure 15
Schematic diagram, switching the output
terminals
14.3
Output characteristic curve
The power supply operates according to the U/I
characteristic curve shown in the figure. In the event of a
short circuit and overload on the secondary side, the output
current is limited. The module does not switch off, but
instead continues to supply the output current. The
secondary voltage is then reduced until the short circuit is
eliminated. The U/I characteristic curve enables high switch-
on currents of capacitive loads or inductive loads to be
reliably supplied with energy.
Figure 16
U/I characteristic curve
–U
N = 12 V DC
–I
N = 5 A
–P
N = 60 W
+
+
-
-
-
class 2 output
+
+
-
-
-
R Load
I
[A]
OUT
U
N
I
N
U < 0,9 x U
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com