Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 7Page - PHOENIX CONTACT 106963 Datasheet HTML 8Page - PHOENIX CONTACT 106963 Datasheet HTML 9Page - PHOENIX CONTACT 106963 Datasheet HTML 10Page - PHOENIX CONTACT 106963 Datasheet HTML 11Page - PHOENIX CONTACT 106963 Datasheet HTML 12Page - PHOENIX CONTACT 106963 Datasheet HTML 13Page - PHOENIX CONTACT 106963 Datasheet HTML 14Page - PHOENIX CONTACT 106963 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 11 / 25
5
Safety regulations and installation
notes
Before startup please ensure:
–
Installation and startup may only be
carried out by qualified personnel.
–
The relevant country-specific regulations
must be observed.
NOTE: Danger if used improperly
–
The device is a built-in device.
–
The IP20 degree of protection
(IEC 60529/EN 60529) of the device is
intended for use in a clean and dry
environment. Do not subject the device to
any load that exceeds the described
limits.
–
Do not subject the device to mechanical
and/or thermal loads that exceed the
specified limits.
–
It is not permissible to open or modify the
device. Do not repair the device yourself
but replace it with an equivalent device.
Repairs may only be carried out by the
manufacturer. The manufacturer is not
liable for damage resulting from violation.
CAUTION:
Before startup please ensure:
–
Connection must be performed by
specialist personnel and protection
against electric shock ensured.
–
It must be possible to switch off the
device outside the power supply
according to the regulations in EN 60950-
1 (e.g., by line protection on the primary
side).
–
All feed lines are sufficiently protected
and dimensioned!
–
All output lines are dimensioned
according to the maximum output current
of the device or separately protected!
–
Sufficient convection is guaranteed!
EXPLOSION HAZARD!
Only remove equipment when it is
disconnected and not in the potentially
explosive area.
DANGER
Never carry out work on live parts!
The housing can become very hot, depending
on the ambient temperature and load!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com