Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 4Page - PHOENIX CONTACT 106963 Datasheet HTML 5Page - PHOENIX CONTACT 106963 Datasheet HTML 6Page - PHOENIX CONTACT 106963 Datasheet HTML 7Page - PHOENIX CONTACT 106963 Datasheet HTML 8Page - PHOENIX CONTACT 106963 Datasheet HTML 9Page - PHOENIX CONTACT 106963 Datasheet HTML 10Page - PHOENIX CONTACT 106963 Datasheet HTML 11Page - PHOENIX CONTACT 106963 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT
8 / 25
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C (> 60 °C Derating: 2.5 %/K)
The ambient temperature (operation) refers to UL 508 surrounding air temperature.
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Max. permissible relative humidity (operation)
≤ 95 % (at 25 °C, non-condensing)
Installation height
≤ 5000 m (> 2000 m, Derating: 10 %/1000 m)
Vibration (operation)
DNV GL CG-0339 / Class B
2 Hz - 100 Hz resonance search, 90 min. in resonance,
2 Hz - 25 Hz, ±1.6 mm amplitude,
25 Hz - 100 Hz, 4g acceleration
Shock
18 ms, 30g, in each space direction (according to IEC 60068-
2-27)
Degree of pollution
2
Climatic class
3K3 (in acc. with EN 60721)
Overvoltage category
EN 60950-1
EN 62477-1
II
III
Standards
Safety of power supply units up to 1100 V (insulation
distances)
DIN EN 61558-2-16
Electrical safety (of information technology equipment)
IEC 60950-1/VDE 0805 (SELV)
SELV
IEC 60950-1 (SELV) and EN 60204-1 (PELV)
Safe isolation
DIN VDE 0100-410
Limitation of mains harmonic currents
EN 61000-3-2
Rail applications
EN 50121-4
Approvals
UL
UL Listed UL 508
UL/C-UL Recognized UL 60950-1
NEC Class 2 as per UL 1310
Current approvals/permissions for the product can be found in the download area under phoenixcontact.net/
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com