Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106963 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 106963
Description  TRIO-PS-2G/1AC/12DC/5/C2LPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106963 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 106963 Datasheet HTML 16Page - PHOENIX CONTACT 106963 Datasheet HTML 17Page - PHOENIX CONTACT 106963 Datasheet HTML 18Page - PHOENIX CONTACT 106963 Datasheet HTML 19Page - PHOENIX CONTACT 106963 Datasheet HTML 20Page - PHOENIX CONTACT 106963 Datasheet HTML 21Page - PHOENIX CONTACT 106963 Datasheet HTML 22Page - PHOENIX CONTACT 106963 Datasheet HTML 23Page - PHOENIX CONTACT 106963 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TRIO-PS-2G/1AC/12DC/5/C2LPS
106963_en_00
PHOENIX CONTACT 20 / 25
16
Derating
16.1
Temperature-dependent derating
With an ambient temperature of up to +60°C, the device
supplies the continuous output current of I
N. In the case of
ambient temperatures above +60°C, the output current must
be reduced by 2.5 % per Kelvin increase in temperature.
The device does not switch off at ambient temperatures of
+70°C or thermal overload. The output capacity is reduced
as far as necessary to provide device protection. After it has
cooled down, the output capacity is increased again.
Figure 19
Temperature derating in normal mounting
position
16.2
Installation height
The power supply can be operated at an installation height
of up to 2000 m without any limitations. Different data
applies for installation locations above 2000 m due to the
differing air pressure and the reduced convection cooling
associated with this (see technical data section).
Figure 20
Output power depending on the installation
height
16.3
Position-dependent derating
The power supply can be installed onto all 35 mm DIN rails
according to EN 60715. The normal mounting position of the
power supply is horizontal.
When installing in a different mounting position, derating
should be adhered to.
The characteristic curve can be used to determine the
maximal output power to be drawn for each ambient
temperature for different mounting positions.
[°C]
-25
0
40
60
20
I
N
H [m]
0
25
50
75
100
125
150
175
200
= P
150 %
60 °C
Dyn.
= P
N
100 %
60 °C
0
1000
2000
3000
4000
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com