Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5396 Datasheet HTML 1Page - Cirrus Logic CS5396 Datasheet HTML 2Page - Cirrus Logic CS5396 Datasheet HTML 3Page - Cirrus Logic CS5396 Datasheet HTML 4Page - Cirrus Logic CS5396 Datasheet HTML 5Page - Cirrus Logic CS5396 Datasheet HTML 6Page - Cirrus Logic CS5396 Datasheet HTML 7Page - Cirrus Logic CS5396 Datasheet HTML 8Page - Cirrus Logic CS5396 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CS5396 CS5397
DS229PP2
5
DIGITAL FILTER CHARACTERISTICS (T
A = 25 °C; VA, VL,VD = 5V ± 5%; Fs = 48 kHz)
Notes: 3. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
Parameter
CS5396
CS5397
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
High-Performance Filter
Passband(-0.01 dB)
0
-
0.4604
0
-
0.3958
Fs
Passband Ripple
-
-
±0.005
-
-
±0.005
dB
Stopband
0.5542
-
63.45 0.4979
-
63.50
Fs
Stopband Attenuation
117
-
-
117
-
-
dB
Group Delay (Fs = Output Sample Rate)
128x Oversampling Mode
64x Oversampling Mode
tgd
-
-
34/Fs
34/Fs
-
-
-
-
34/Fs
34/Fs
-
-
µs
µs
Group Delay Variation vs. Frequency
∆t
gd
--
0.0
-
-
0.0
µs
Low Group Delay Filter
Passband(-0.01 dB)
128x Oversampling Mode
64x Oversampling Mode
0
0
-
-
0.375
0.188
0
0
-
-
0.375
0.188
Fs
Fs
Passband Ripple
-
-
0.015
-
-
0.015
dB
Stopband
128x Oversampling Mode
64x Oversampling Mode
0.646
0.323
-
-
127.35
63.68
0.646
0.323
-
-
127.35
63.68
Fs
Fs
Stopband Attenuation
86
-
86
-
dB
Group Delay (Fs = Output Sample Rate)
tgd
-
10/Fs
-
-
10/Fs
-
µs
Group Delay Variation vs. Frequency
∆t
gd
--
0.0
-
-
0.0
µs
High Pass Filter Characteristics
Frequency Response-3.0 dB
(Note 3)
-0.036 dB
(Note 3)
-1.8
20
-
-
-1.8
20
-
-
Hz
Hz
Phase Deviation@ 20Hz
(Note 3)
-
5.3
-
-
5.3
-
Deg
Passband Ripple
-
-
0
-
-
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com