Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 11Page - Cirrus Logic CS5396 Datasheet HTML 12Page - Cirrus Logic CS5396 Datasheet HTML 13Page - Cirrus Logic CS5396 Datasheet HTML 14Page - Cirrus Logic CS5396 Datasheet HTML 15Page - Cirrus Logic CS5396 Datasheet HTML 16Page - Cirrus Logic CS5396 Datasheet HTML 17Page - Cirrus Logic CS5396 Datasheet HTML 18Page - Cirrus Logic CS5396 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
CS5396 CS5397
DS229PP2
15
Master Clock - Control Port Mode
The master clock is the clock source for the delta-
sigma modulator sampling (MCLKA) and digital
filters (MCLKD). The required MCLKA/D fre-
quency is determined by the desired Fs and the cho-
sen Oversampling Mode. Table 2 shows some
common master clock frequencies.
64
× vs. 128× Oversampling Modes
The CS5396/97 can operate in a 64
× Oversampling
Mode with a 256
× master clock (MCLKA/D) at a
maximum sample rate of 100 kHz. The device can
also operate in a 128
× Oversampling Mode with a
512
× master clock (MCLKA/D) where the maxi-
mum Fs is 50 kHz. Notice that the required master
clock is 24.576 MHz for Fs equal to either 48 kHz
in the 128
× Oversampling Mode or 96 kHz in the
64
× Oversampling Mode. The sampling mode is
set via the control register which alters the decima-
tion ratio of the digital filter. The 64
× Oversam-
pling Mode is the default mode. Table 2 shows
some common clock frequencies for both modes.
Refer to Appendix A for additional discussion of
64
× vs. 128× Oversampling Modes.
Table 2. Common Clock Frequencies
Serial Data Interface - Control Port Mode
The CS5396/97 supports two serial data formats
which are selected via the control register. The dig-
ital output format determines the relationship be-
tween the serial data, left/right clock and serial
clock. Figures 4 - 7 detail the interface formats.
The serial data interface is accomplished via the se-
rial data outputs; SDATA1 and SDATA2, serial
data clock, SCLK, and the left/right clock, LRCK.
The serial nature of the output data results in the left
and right data words being read at different times.
However, the samples within an LRCK cycle repre-
sent simultaneously sampled analog inputs.
Serial Data - Control Port Mode
The serial data block is presented in 2’s-comple-
ment format with the MSB-first. The data is clocked
from SDATA1 and SDATA2 by the serial clock
and the channel is determined by the Left/Right
clock. The full precision 24 bit data is available on
SDATA1 and the output from the low group delay
is available on SDATA2.
The serial data can be followed by 8 Peak Signal
Level, PSL, bits as shown in Figures 4 - 7 if the
PKEN bit is set. Refer to the Dual Audio Output
section of this data sheet for further discussion of
SDATA1 and SDATA2 options.
Serial Clock - Control Port Mode
The serial clock shifts the digitized audio data from
the internal data registers via SDATA1 and
SDATA2. SCLK is an output in Master Mode
where internal dividers will divide the master clock
by 4 to generate a serial clock which is 64
× Fs in
the 64
× Oversampling Mode. In the 128× Over-
sampling Mode, internal dividers will divide
MCLKA/D by 4 to generate a SCLK which is 128
×
Fs. In Slave Mode, SCLK is an input with a serial
clock typically between 48
× and 128× Fs. It is rec-
ommended that SCLK be equal to 64
× in the 64×
Oversampling Mode and equal to 128
× in the 128×
Oversampling Mode to avoid possible system per-
formance degradation due to interference effects.
Left/Right Clock -Control Port Mode
The Left/Right clock, LRCK, determines which
channel, left or right, is to be output on SDATA1
LRCK
(kHz)
Over-
sampling
MCLKA/D
(MHz)
SCLK
(MHz)
32
64
8.192
2.048
44.1
64
11.2896
2.822
48
64
12.288
3.072
32
128
16.384
4.096
44.1
128
22.5792
5.6448
48
128
24.576
6.144
64
64
16.384
4.096
88.2
64
22.5792
5.6448
96
64
24.576
6.144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com