Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 7Page - Cirrus Logic CS5396 Datasheet HTML 8Page - Cirrus Logic CS5396 Datasheet HTML 9Page - Cirrus Logic CS5396 Datasheet HTML 10Page - Cirrus Logic CS5396 Datasheet HTML 11Page - Cirrus Logic CS5396 Datasheet HTML 12Page - Cirrus Logic CS5396 Datasheet HTML 13Page - Cirrus Logic CS5396 Datasheet HTML 14Page - Cirrus Logic CS5396 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
CS5396 CS5397
DS229PP2
11
Audio
Data
Processor
VREF
AINL+
AINL-
TSTO1
TSTO2
VD
6.8nF
0.1
µF
Left Analog Input -
Left Analog Input +
A/D CONVERTER
SCLK
SDATA2
CS5396/7
CDIN/DFS
CCLK/SM
Timing
Logic
& Clock
MCLKA
AINR+
Right Analog Input -
AINR-
Right Analog Input +
VCOM
470
µF
+
LRCK
TSTO pins should be left
floating, with no trace
attached
39
Ω
CS/PDN
µ-Controller/
Configuration
ADCTL
DACTL
VA
VL
+5V Analog
1
µF
0.1
µF
+5V Digital
5
Ω
0.1
µF
0.1
µF
1
µF
+
+
100
µF
+
0.1
µF
SDATA1
AGND1
LGND DGND
AGND2
3
12
28
25
21
8
6
9
20
7
14
13
15
17
18
19
11
23
24
1
2
4
5
27
26
39
Ω
39
Ω
39
Ω
6.8nF
MCLKD
AGND0
22
16
CAL
10
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com