Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 17Page - Cirrus Logic CS5396 Datasheet HTML 18Page - Cirrus Logic CS5396 Datasheet HTML 19Page - Cirrus Logic CS5396 Datasheet HTML 20Page - Cirrus Logic CS5396 Datasheet HTML 21Page - Cirrus Logic CS5396 Datasheet HTML 22Page - Cirrus Logic CS5396 Datasheet HTML 23Page - Cirrus Logic CS5396 Datasheet HTML 24Page - Cirrus Logic CS5396 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CS5396 CS5397
DS229PP2
21
DIGITAL FILTER PLOTS
Figures 9-24 show the performance of the digital
filters included in the ADC. All plots are normal-
ized to Fs. Assuming a sample rate of 48 kHz, the
0.5 frequency point on the plot refers to 24 kHz.
The filter frequency response scales precisely with
Fs.
Normalized Frequency (Fs)
Normalized Frequency (Fs)
Figure 9. CS5396 Stop Band Attenuation
Figure 10. CS5396 Passband Ripple
Normalized Frequency (Fs)
Normalized Frequency (Fs)
Figure 11. CS5396 Transition Band
Figure 12. CS5396 Transition Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com