Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 21Page - Cirrus Logic CS5396 Datasheet HTML 22Page - Cirrus Logic CS5396 Datasheet HTML 23Page - Cirrus Logic CS5396 Datasheet HTML 24Page - Cirrus Logic CS5396 Datasheet HTML 25Page - Cirrus Logic CS5396 Datasheet HTML 26Page - Cirrus Logic CS5396 Datasheet HTML 27Page - Cirrus Logic CS5396 Datasheet HTML 28Page - Cirrus Logic CS5396 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
CS5396 CS5397
DS229PP2
25
REGISTER DESCRIPTION
** “default” ==> bit status after power-up-sequence
Analog control (address 00000001)
FSTART (Frame start)Default = ‘0’.
This bit must be set to ‘1’ to synchronize the modulator output and the decimation filter input
and is automatically reset to ‘0’ after a “fstart” pulse is sent to the analog and digital block.
GNDCAL (Ground calibration enable)
Default = ‘0’.
Modulator input is tied to internal “Vcom” when this bit is ‘1’.
AAPD (Analog Section of modulator in power down)
Default = ‘0’.
The analog section of the modulator is in power down mode when aapd = ‘1’.
ADPD (Digital Section of modulator in power down)
Default = ‘0’.
The digital section on the modulator is in power down mode when adpd = ‘1’.
TEST BIT
Default =’0’.
Must remain at 0.
Mode (address 00000010)
128x/64x
Default = ‘0’.
Oversampling ratio is 128 when this bit is ‘1’ and 64 when this bit is ‘0’.
CAL (System calibration enable)
Default = ‘0’.
Setting this bit to ‘1’ will initiate calibration.
This bit is automatically reset to ‘0’ following calibration.
Change_sign (Change Sign enable)
Default = ‘0’.
A ‘1’ will interchange the analog input paths within each channel resulting in a phase inversion
of the analog signal. This bit applies to both channels.
_LR/LL (Left-Right output disable) Default = ‘0’.
If this bit is ‘0’, SDATA1 will output the Left and Right channel data from the sdata1 source and
SDATA2 will output the Left and Right channel data from the sdata2 source as described else-
where in the data sheet.
If this bit is set to ‘1’, the Left channel data from sdata1 source and sdata2 source (stored in
Audio port register) will be sent out in SDATA1. SDATA2 will output all the Right channel data.
765
4321
0
fstart
gndcal
aapd
adpd
1bit
000
00
7
6
5
4321
0
128x/64x
cal
change_sign
_LR/LL
_hpen
s/_m
DFS
mute
0
0
0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com