Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 32Page - Cirrus Logic CS5396 Datasheet HTML 33Page - Cirrus Logic CS5396 Datasheet HTML 34Page - Cirrus Logic CS5396 Datasheet HTML 35Page - Cirrus Logic CS5396 Datasheet HTML 36Page - Cirrus Logic CS5396 Datasheet HTML 37Page - Cirrus Logic CS5396 Datasheet HTML 38Page - Cirrus Logic CS5396 Datasheet HTML 39Page - Cirrus Logic CS5396 Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
CS5396 CS5397
36
DS229PP2
ADDITIONAL INFORMATION
1) “Techniques to Measure and Maximize the Per-
formance of a 120 dB, 24-bit, 96 kHz A/D Inte-
grated Circuit” by Steven Harris, Steven Green
and Ka Leung. Paper presented at the 103rd
Convention of the Audio Engineering Society,
September 1997.
2) “A 120 dB Dynamic Range, 96 kHz, 24-bit An-
alog-to-Digital Converter” by Kafai Leung, Sa-
rah Zhu, Ka Leung and Eric Swanson. Paper
presented at the 102nd Convention of the Au-
dio Engineering Society, March 1997.
3) A 5 V, 118 dB Delta Sigma Analog-to-Digital
Converter for Wideband Digital Audio by Ka
Y. Leung, Eric J. Swanson, Kafai Leung, Sarah
S. Zhu. Presented at ISSCC February, 1997, pa-
per FP 13.6
4) “How to Achieve Optimum Performance from
Delta-Sigma A/D and D/A Converters” by
Steven Harris. Presented at the 93rd Conven-
tion of the Audio Engineering Society, October
1992.
5) “The Effects of Sampling Clock Jitter on
Nyquist Sampling Analog-to-Digital Convert-
ers, and on Oversampling Delta Sigma ADCs”
by Steven Harris. Paper presented at the 87th
Convention of the Audio Engineering Society,
October 1989.
6) “A Fifth-Order Delta-Sigma Modulator with
110 dB Audio Dynamic Range” by I. Fujimori,
K. Hamashita and E.J. Swanson. Paper present-
ed at the 93rd Convention of the Audio Engi-
neering Society, October 1992.
7) “An 18-Bit Dual-Channel Oversampling Delta-
Sigma A/D Converter, with 19-Bit Mono Ap-
plication Example” by Clif Sanchez. Paper pre-
sented at the 87th Convention of the Audio
Engineering Society, October 1989.
8) “A Stereo 16-bit Delta-Sigma A/D Converter
for Digital Audio” by D.R. Welland, B.P. Del
Signore, E.J. Swanson, T. Tanaka, K. Hamash-
ita, S. Hara, K. Takasuka. Paper presented at
the 85th Convention of the Audio Engineering
Society, November 1988.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com