Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 32Page - Cirrus Logic CS5396 Datasheet HTML 33Page - Cirrus Logic CS5396 Datasheet HTML 34Page - Cirrus Logic CS5396 Datasheet HTML 35Page - Cirrus Logic CS5396 Datasheet HTML 36Page - Cirrus Logic CS5396 Datasheet HTML 37Page - Cirrus Logic CS5396 Datasheet HTML 38Page - Cirrus Logic CS5396 Datasheet HTML 39Page - Cirrus Logic CS5396 Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
CS5396 CS5397
DS229PP2
37
PACKAGE DIMENSIONS
F
E
G
H
I
A
B
D
C
L
K
J
B
BSC
1.27
0.050 BSC
C
NOM
7
7 NOM
D
0.005
0.013
0.127
0.330
E
0.095
0.105
2.41
2.67
SOIC
28 pin
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
DIM
NOM
45
45
NOM
F
NOM
7
7 NOM
G
0.008
0.015
0.203
0.381
H
8
2
8
2
I
0.292
0.298
7.42
7.59
J
0.355
0.345
8.76
9.02
K
0.420
0.400
10.16
10.67
L
A
0.710
0.690
17.53
18.03
M
0.020
0.013
0.33
0.51
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com