Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 2Page - Cirrus Logic CS5396 Datasheet HTML 3Page - Cirrus Logic CS5396 Datasheet HTML 4Page - Cirrus Logic CS5396 Datasheet HTML 5Page - Cirrus Logic CS5396 Datasheet HTML 6Page - Cirrus Logic CS5396 Datasheet HTML 7Page - Cirrus Logic CS5396 Datasheet HTML 8Page - Cirrus Logic CS5396 Datasheet HTML 9Page - Cirrus Logic CS5396 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CS5396 CS5397
6
DS229PP2
POWER AND THERMAL CHARACTERISTICS
(TA = 25 °C; VA, VL,VD = 5V±5%; Fs = 48 kHz; Master Mode)
DIGITAL CHARACTERISTICS (T
A = 25 °C; VA, VL,VD = 5V ± 5%)
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, All voltages with respect to ground.)
Notes: 4. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SCR
latch-up.
5. The maximum over/under voltage is limited by the input current.
6. Applies to normal operation. Greater differences during power up/down will not cause SCR latch-up.
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
64X oversampling
MCLK=12.288 MHz
128X oversampling
MCLK=24.576 MHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Power Supply Current
VA+VL
(Normal Operation)
VD
IA
ID
-
-
150
65
TBD
TBD
-
-
160
125
TBD
TBD
mA
mA
Power Supply Current
VA+VL
(Power-Down Mode)
VD
IA
ID
-
-
2
2
-
-
-
-
3
3.5
-
-
mA
mA
Power Consumption(Normal Operation)
(Power-Down Mode)
-
-
1075
20
TBD
-
-
-
1425
33
TBD
-
mW
mW
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
65
-
-
65
-
dB
Allowable Junction Temperature
-
-
135
-
-
135
°C
Junction to Ambient Thermal Impedance
TJA
-45
-
-45
-
°C/W
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.4
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage at Io = -20 µAVOH
VD - 1.0
-
-
V
Low-Level Output Voltage at Io = 20 µAVOL
--
0.4
V
Input Leakage Current
Iin
--
±10
µA
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Analog
Logic
Digital
|VA - VD|
(Note 6)
|VA - VL|
(Note 6)
|VD - VL|
(Note 6)
VA
VL
VD
-0.3
-0.3
-0.3
-
-
-
-
-
-
-
-
-
+6.0
+6.0
+6.0
0.4
0.4
0.4
V
V
V
V
V
V
Input Current
(Note 4)
Iin
--
±10
mA
Analog Input Voltage
(Note 5)
VIN
AGND-0.7
-
VA+0.7
V
Digital Input Voltage
(Note 5)
VIND
-0.3
-
VD+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-55
-
+50
°C
Storage Temperature
Tstg
-65
-
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com