Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 6Page - Cirrus Logic CS5396 Datasheet HTML 7Page - Cirrus Logic CS5396 Datasheet HTML 8Page - Cirrus Logic CS5396 Datasheet HTML 9Page - Cirrus Logic CS5396 Datasheet HTML 10Page - Cirrus Logic CS5396 Datasheet HTML 11Page - Cirrus Logic CS5396 Datasheet HTML 12Page - Cirrus Logic CS5396 Datasheet HTML 13Page - Cirrus Logic CS5396 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS5396 CS5397
10
DS229PP2
I2C CONTROL PORT SWITCHING CHARACTERISTICS (T
A = 25 °C; VD, VA = 5V ±5%;
Inputs: Logic 0 = DGND, Logic 1 = VD; CL = 20 pF)
Notes: 9. Use of the I2C® bus interface requires a license from Philips.
10. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
I2C® Mode
(Note 9)
CCLK Clock Frequency
fscl
-100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low Time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
CDIN Hold Time from CCLK Falling
(Note 10)
thdd
0-
µs
CDIN Setup Time to CCLK Rising
tsud
250
-
ns
Rise Time of Both CDIN and CCLK Lines
tr
-1
µs
Fall Time of Both CDIN and CCLK Lines
tf
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
t
buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
tsust
t susp
Stop
Start
Start
Stop
Repeated
CDIN
CCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com