Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5396 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5396
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5396 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5396 Datasheet HTML 32Page - Cirrus Logic CS5396 Datasheet HTML 33Page - Cirrus Logic CS5396 Datasheet HTML 34Page - Cirrus Logic CS5396 Datasheet HTML 35Page - Cirrus Logic CS5396 Datasheet HTML 36Page - Cirrus Logic CS5396 Datasheet HTML 37Page - Cirrus Logic CS5396 Datasheet HTML 38Page - Cirrus Logic CS5396 Datasheet HTML 39Page - Cirrus Logic CS5396 Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
CS5396 CS5397
38
DS229PP2xC
APPENDIX C: PSYCHOACOUSTIC FILTER
The psychoacoustic filter in the CS5396 is based on the paper: "Robert A. Wannamaker, Psychoacous-
tically Optimal Noise Shaping, Journal of the Audio Engineering Society, Vol 40, No 7/8, 1992 July/Au-
gust." The default coefficients in the CS5396 are the FIR 9-tap filter coefficients described in Table 3 of
the paper. Since the effective noise shaping function is (1-H), the CS5396 registers save the (1-H) func-
tion coefficients. Therefore, the negative of each filter coefficient is stored in the registers. Each coefficient
is represented as a binary 2’s complement number where the 4 MSB’s represent the whole number of the
coefficient and the 4 LSB’s represent the fractional portion truncated to 4 binary bits.
Default Coefficients as listed in "Robert A. Wannamaker, Psychoacoustically Optimal Noise Shaping”
a1 = 2.412
a2 = -3.370
a3 = 3.937
a4 = -4.174
a5 = 3.353
a6 = -2.205
a7 = 1.281
a8 = -0.569
a9 = 0.0847
Coefficient conversion example 1:
a1 = 2.412
a1 = (0010.0110) binary repesentation with the fractional portion truncated to 4 bits.
-a1 = -(0010.0110) binary representation
-a1 = 1101.1010 in two’s complement
this value is stored in register 10h.
Coefficient conversion example 2:
a2 = -3.370
-a2 = 3.370
-a2 = 0011.0101
binary repesentation with the fractional portion truncated to 4 bits.
-a2 = 0011.0101 in 2's complement
this value is stored in register 11h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com