Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 49 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 49 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 53Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 165 page
background image
CPL A
Function:
Complement Accumulator
Description:
Each bit of the Accumulator is logically complemented (one’s complement). Bits which
previously contained a one are changed to a zero and vice-versa. No flags are affected.
Example:
The Accumulator contains 5CH(01011100B). The instruction,
CPL
A
will leave the Accumulator set to 0A3H (101000011B).
Bytes:
1
Cycles:
1
Encoding:
1 1 1 1
0 1 0 0
Operation:
CPL
(A)←
← (A)
CPL bit
Function:
Complement bit
Description:
The bit variable specified is complemented. A bit which had been a one is changed to zero
and vice-versa. No other flags are affected. CLR can operate on the carry or any directly
addressable bit.
Note:When this instruction is used to modify an output pin, the value used as the original
data will be read from the output data latch, not the input pin.
Example:
Port 1 has previously been written with 5DH (01011101B). The instruction,
CLR
P1.1
CLR
P1.2
will leave the port set to 59H (01011001B).
CPL C
Bytes:
1
Cycles:
1
Encoding:
1 0 1 1
0 0 1 1
Operation:
CPL
(C) ←
← (C)
CPL bit
Bytes:
2
Cycles:
1
Encoding:
1 0 1 1
0 0 1 0
bit address
Operation:
CPL
(bit) ←
← (bit)
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com