Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 82 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 82 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 86Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 165 page
background image
TCON register: Timer/Counter Control Register
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
(MSB)
(LSB)
Symbol
Position
Name and Significance
Symbol Position
Name and Significance
TF1
TCON.7 Timer 1 overflow Flag. Set by
hardware on Timer/Counter overflow.
cleared by hardware when processor
vectors to interrupt routine.
IE1
TCON.3 Interrupt 1 Edge flag. Set by
hardware when external interrupt
edge detected.Cleared when
interrupt processed.
TR1
TCON.6 Timer 1 Run control bit. Set/cleared
by software to turn Timer/Counter
on/off.
IT1
TCON.2 Intenupt 1 Type control bit. Set/
cleared by software to specify
falling edge/low level triggered
external interrupts.
TF0
TCON.5 Timer 0 overflow Flag. Set by
hardware on Timer/Counter overflow.
cleared by hardware when processor
vectors to interrupt routine.
IE0
TCON.1 Interrupt 0 Edge flag. Set by
hardware when external interrupt
edge detected.Cleared when
interrupt processed.
TR0
TCON.4 Timer 0 Run control bit. Set/cleared
by software to turn Timer/Counter
on/off.
IT0
TCON.0 Intenupt 0 Type control bit. Set/
cleared by software to specify
falling edge/low level triggered
external interrupts.
SCON register
LSB
bit
7654321
0
name
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
FE: Framing Error bit. The SMOD0 bit must be set to enable access to the FE bit
0: The FE bit is not cleared by valid frames but should be cleared by software.
1: This bit set by the receiver when an invalid stop bit id detected.
SM0,SM1 : Serial Port Mode Bit 0/1.
SM0
SM1
Description
Baud rate
0
0
8-bit shift register
SYSclk/12
0
1
8-bit UART
variable
1
0
9-bit UART
SYSclk/64 or SYSclk/32(SMOD=1)
1
1
9-bit UART
variable
SM2 : Enable the automatic address recognition feature in mode 2 and 3. If SM2=1, RI will not be
set unless the received 9th data bit is 1, indicating an address, and the received byte is a
Given or Broadcast address. In mode1, if SM2=1 then RI will not be set unless a valid stop
Bit was received, and the received byte is a Given or Broadcast address. In mode 0, SM2 should be 0.
REN : When set enables serial reception.
TB8 : The 9th data bit which will be transmitted in mode 2 and 3.
RB8 : In mode 2 and 3, the received 9th data bit will go into this bit.
TI : Transmit interrupt flag.
RI : Receive interrupt flag.
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com