Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 55 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 55 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 53Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 165 page
background image
INC
@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
0 1 1 i
Operation:
INC
((Ri))←((Ri)) + 1
←((Ri)) + 1
((Ri)) + 1
INC
DPTR
Function:
Increment Data Pointer
Description:
Increment the 16-bit data pointer by 1. A 16-bit increment (modulo 216) is performed; an
overflow of the low-order byte of the data pointer (DPL) from 0FFH to 00H will increment
the high-order-byte (DPH). No flags are affected.
This is the only 16-bit register which can be incremented.
Example:
Register DPH and DPL contains 12H and 0FEH,respectively. The instruction sequence,
INC DPTR
INC DPTR
INC DPTR
will change DPH and DPL to 13H and 01H.
Bytes:
1
Cycles:
2
Encoding:
1 0 1 0
0 0 1 1
Operation:
INC
(DPTR) ← (DPTR)+1
← (DPTR)+1
JB
bit, rel
Function:
Jump if Bit set
Description:
If the indicated bit is a one, jump to the address indicated; otherwise proceed with the next
instruction. The branch destination is computed by adding the signed relative-displacement
in the third instruction byte to the PC, after incrementing the PC to the first byte of the next
instruction. The bit tested is not modified. No flags are affected.
Example:
The data present at input port 1 is 11001010B. The Accumulator holds 56 (01010110B). The
instruction sequence,
JB
P1.2, LABEL1
JB
ACC.2, LABEL2
will cause program execution to branch to the instruction at label LABEL2.
Bytes:
3
Cycles:
2
Encoding:
0 0 1 0
0 0 0 0
bit address
rel. address
Operation:
JB
(PC) ← (PC)+ 3
← (PC)+ 3
(PC)+ 3
IF (bit) = 1
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com