Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 12 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 12 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 11Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 16Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 165 page
background image
2.1.2 Power Down (PD) Mode
An instruction that sets PD/PCON.1 cause that to be the last instruction executed before going into the Power-
down mode. In the Power-Down mode, the on-chip oscillator and the Flash memory are stopped in order to
minimize power consumption. Only the power-on circuitry will continue to draw power during Power-Down.
The contents of on-chip RAM and SFRs are maintained. The only way to wake-up from power-down mode
is hardware reset. The power-down mode can be woken-up by RESET pin, external interrupt /INT0~/INT3,
RXD pin, T0 pin, T1 pin . When it is woken-up by RESET, the program will execute from the address 0x0000.
Be carefully to keep RESET pin active for at least 10ms in order for a stable clock. If it is woken-up from I/O,
the CPU will rework through jumping to related interrupt service routine. Before the CPU rework, the clock is
blocked and counted until 32768 in order for denouncing the unstable clock. To use I/O wake-up, interrupt-related
registers have to be enabled and programmed accurately before power-down is entered. Pay attention to have at
least one “NOP” instruction subsequent to the power-down instruction if I/O wake-up is used. When terminating
Power-down by an interrupt, the wake up period is internally timed. At the negative edge on the interrupt pin,
Power-Down is exited, the oscillator is restarted, and an internal timer begins counting. The internal clock will be
allowed to propagate and the CPU will not resume execution until after the timer has reached internal counter full.
After the timeout period, the interrupt service routine will begin. To prevent the interrupt from re-triggering, the
interrupt service routine should disable the interrupt before returning. The interrupt pin should be held low until
the device has timed out and begun executing. The user should not attempt to enter (or re-enter) the power-down
mode for a minimum of 4 us until after one of the following conditions has occured: Start of code execution(after
any type of reset), or Exit from power-down mode.
The following example C program demostrates that power-down mode be woken-up by external interrupt .
/*------------------------------------------------------------------*/
/* --- STC MCU International Limited -------------------------------*/
/* --- STC89xx Series MCU wake up Power-Down mode Demo -----------------------*/
/* If you want to use the program or the program referenced in the */
/* article, please specify in which data and procedures from STC */
/*------------------------------------------------------------------*/
#include <reg51.h>
#include <intrins.h>
sbit
Begin_LED = P1^2;
//Begin-LED indicator indicates system start-up
unsigned char
Is_Power_Down = 0;
//Set this bit before go into Power-down mode
sbit
Is_Power_Down_LED_INT0
= P1^7; //Power-Down wake-up LED indicator on INT0
sbit
Not_Power_Down_LED_INT0
= P1^6; //Not Power-Down wake-up LED indicator on INT0
sbit
Is_Power_Down_LED_INT1
= P1^5; //Power-Down wake-up LED indicator on INT1
sbit
Not_Power_Down_LED_INT1
= P1^4; //Not Power-Down wake-up LED indicator on INT1
sbit
Power_Down_Wakeup_Pin_INT0
= P3^2; //Power-Down wake-up pin on INT0
sbit
Power_Down_Wakeup_Pin_INT1
= P3^3; //Power-Down wake-up pin on INT1
sbit
Normal_Work_Flashing_LED
= P1^3; //Normal work LED indicator
void Normal_Work_Flashing (void);
void INT_System_init (void);
void INT0_Routine (void);
void INT1_Routine (void);
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com