Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 58 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 58 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 56Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 57Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 60Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 61Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 62Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 165 page
background image
JNC
rel
Function:
Jump if Carry not set
Description:
If the carry flag is a zero, branch to the address indicated; otherwise proceed with the next
instruction. The branch destination is computed by adding the signed relative-displacement
in the second instruction byte to the PC, after incrementing the PC twice to point to the next
instruction. The carry flag is not modified
Example:
The carry flag is set. The instruction sequence,
JNC LABEL1
CPL C
JNC LABEL2
will clear the carry and cause program execution to continue at the instruction identified by
the label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 0 1
0 0 0 0
rel. address
Operation:
JNC
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (C) = 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
JNZ
rel
Function:
Jump if Accumulator Not Zero
Description:
If any bit of the Accumulator is a one, branch to the indicated address; otherwise proceed
with the next instruction. The branch destination is computed by adding the signed relative-
displacement in the second instruction byte to the PC, after incrementing the PC twice. The
Accumulator is not modified. No flags are affected.
Example:
The Accumulator originally holds 00H. The instruction sequence,
JNZ
LABEL1
INC
A
JNZ
LAEEL2
will set the Accumulator to 01H and continue at label LABEL2.
Bytes:
2
Cycles:
2
Encoding:
0 1 1 1
0 0 0 0
rel. address
Operation:
JNZ
(PC) ← (PC)+ 2
← (PC)+ 2
(PC)+ 2
IF (A) ≠ 0
THEN
(PC) ← (PC) + rel
← (PC) + rel
(PC) + rel
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com