Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 93 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 93 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 89Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 90Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 91Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 92Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 93Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 94Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 95Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 96Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 97Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 165 page
background image
Mode 3
Timer 1 in Mode 3 simply holds its count, the effect is the same as setting TR1 = 0. Timer 0 in Mode 3 established
TL0 and TH0 as two separate 8-bit counters. TL0 use the Timer 0 control bits: C/T ,GATE,TR0, INT0 and TF0.
TH0 is locked into a timer function (counting machine cycles) and takes over the use of TR1 from Tmer 1. Thus,
TH0 now controls the “Timer 1” interrupt.
Mode 3 is provided for applications requiring an extra 8-bit timer or counter. When Timer 0 is in Mode 3, Timer 1
can be turned on and off by switching it out of and into its own Mode 3, or can still be used by the serial port as a
baud rate generator, or in fact, in any application not requiring an interrupt.
Interrupt
SYSclk
TF0
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
MCU in 12T mode
MCU in 6T mode
TL0
(8 bit)
control
TH0
(8 Bits)
TF1
Interrupt
TR1
Timer/Counter 0 Mode 3: Two 8-Bit Counters
÷12
÷6
SYSclk
÷12
÷6
MCU in 12T mode
MCU in 6T mode
Mode 2
Mode 2 configures the timer register as an 8-bit counter(TL0) with automatic reload. Overflow from TL0 not
only set TF0, but also reload TL0 with the content of TH0, which is preset by software. The reload leaves TH0
unchanged. Mode 2 operation is the same for Timer 0 and Timer 1.
SYSclk
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
MCU in 12T mode
MCU in 6T mode
TL0
(8 Bits)
TH0
(8 Bits)
Timer/Counter 0 Mode 2: 8-Bit Auto-Reload
÷12
÷6
Interrupt
TF0
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com