Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 81 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 81 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 85Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 165 page
background image
IE: Interrupt Enable Rsgister
EA
-
ET2
ES
ET1
EX1
ET0
EX0
(MSB)
(LSB)
Enable Bit = 1 enables the interrupt .
Enable Bit = 0 disables it .
Symbol
Position Function
EA
IE.7
disables all interrupts. if EA = 0,no interrupt will be acknowledged. if
EA = 1, each interrupt source is individually enabled or disabled by
setting or clearing its enable bit.
ET2
IE.5
Timer 2 interrupt enable bit
ES
IE.4
Serial Port interrupt enable bit
ET1
IE.3
Timer 1 interrupt enable bit
EX1
IE.2
External interrupt 1 enable bit
ET0
IE.1
Timer 0 interrupt enable bit
EX0
IE.0
External interrupt 0 enable bit
IP: Interrupt Priority Low Register
-
-
PT2
PS
PT1
PX1
PT0
PX0
(MSB)
(LSB)
Priority bit = 1 assigns high priority .
Priority bit = 0 assigns low priority.
Symbol
Position
Function
PT2
IP.5
Timer 2 interrupt priority bit
PS
IP.4
Serial Port interrupt priority bit.
PT1
IP.3
Timer 1 interrupt priority bit
PX1
IP.2
External interrupt 1 priority bit
PT0
IP.1
Timer 0 interrupt priority bit
PX0
IP.0
External interrupt 0 priority bit
IPH: Interrupt Priority High Register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
PX3H
PX2H
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
PX3H : If set, Set priority for external interrupt 3 highest
PX2H : If set, Set priority for external interrupt 2 highest
PT2H : If set, Set for Timer 2 interrupt highest
PSH : If set, Set priority for serial port highest
PT1H : If set, Set priority for Timer 1 interrupt highest
PX1H : If set, Set priority for external interrupt 1 highest
PT0H : If set, Set priority for Timer 0 interrupt highest
PX0H : If set, Set priority for external interrupt 0 highest
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com