Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 7 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 7 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 3Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 11Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 165 page
background image
1.4 Pin Descriptions
MNEMONIC
QFP44 PDIP40 PLCC44
DESCRIPTION
P0.0 ~ P0.7
37~30
39~32
43~36 Port0 :Port0 is an 8-bit bi-directional I/O port with pull-up resistance.
Except being as GPIO, Port 0 is also the multiplexed low-order address
and data bus during accesses to external program and data memory.
P1.0 ~ P1.7
40~44
1-8
2~9
Port1 : General-purposed I/O with weak pull-up resistance inside. When
1s are written into Port1, the strong output driving CMOS only turn-on
two period and then the weak pull-up resistance keep the port high.
P1.0 is also used as one of event sources for timer2, or output carrier of
timer 2, alias T2.
P1.1 is also used as one of interrupt-controlling sources for time 2, alias
T2EX.
1~3
P1.0/T2
40
1
2
P1.1/T2EX
41
2
3
P2.0 ~ P2.7
18-25
21-28
24~31 Port2 : Port2 is an 8-bit bi-directional I/O port with pull-up resistance.
Except being as GPIO, Port2 emits the high-order address byte during
accessing to external program and data memory.
P3.0/RxD
5
10
11
Port3 : General-purposed I/O with weak pull-up resistance inside. When
1s are written into Port1, the strong output driving CMOS only turn-on
two period and then the weak pull-up resistance keep the port high. Port3
also serves the functions of various special features.
P3.0 and P3.1 act as receiver and transceiver of the data for UART func-
tion block, Alias RxD and TxD.
P3.2 and P3.3 also act as external interrupt sources, alias /INT0 and
/INT1.
P3.4 and P3.5 also act as event sources for timer0 and timer1 individu-
ally, alias T0 and T1.
P3.6 also acts as write signal while access to external memory,alias /WR.
P3.7 also acts as read signal while access to external memory, alias /RD.
P3.1/TxD
7
11
13
P3.2/INT0
8
12
14
P3.3/INT1
9
13
15
P3.4/T0
10
14
16
P3.5/T1
11
15
17
P3.6/WR
12
16
18
P3.7/RD
13
17
19
P4.0
17
23
Port4 : Port4 are extended I/O ports such like Port1. It can be available
only on LQFP-44, PLCC-44.
P4.2 and P4.3 also act as external interrupt sources, alias /INT3 and
/INT2.
P4.1
28
34
P4.2/INT3
39
1
P4.3/INT2
6
12
RST
4
9
10
RESET : A high on this pin for at least two machine cycles will reset the
device.
/EA
29
31
35
EA must be kept at low to enable the device to fetch program code from
external flash memory.
An internal pull-up resistance has been embedded in this pin.
/ALE
27
30
33
Output pulse for latching the low byte of address during accesses to
external memory.
/PSEN
26
29
32
The read strobe to external program memory, low active.
XTAL1
15
19
21
Crystal 1: Input to the inverting oscillator amplifier.Receives the external
oscillator signal when an external oscillator is used.
XTAL2
14
18
20
Crystal 2: Output from the inverting amplifier. This pin should be floated
when an external oscillator is used.
VCC
38
40
44
Power
Gnd
16
20
22
Ground
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com