Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 51 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 51 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 53Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 55Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 165 page
background image
Bytes:
1
Cycles:
1
Encoding:
1 1 0 1
0 1 0 0
Operation:
DA
-contents of Accumulator are BCD
IF
[[(A
3-0) > 9] V [(AC) = 1]]
THEN(A
3-0) ← (A
← (A
(A
3-0) + 6
AND
IF
[[(A
7-4) > 9] V [(C) = 1]]
THEN (A
7-4) ← (A
← (A
(A
7-4) + 6
DEC byte
Function:
Decrement
Description:
The variable indicated is decremented by 1. An original value of 00H will underflow to
0FFH.
No flags are affected. Four operand addressing modes are allowed: accumulator, register,
direct, or register-indirect.
Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch, not the input pins.
Example:
Register 0 contains 7FH (01111111B). Internal RAM locations 7EH and 7FH contain 00H
and 40H, respectively. The instruction sequence,
DEC @R0
DEC
R0
DEC @R0
will leave register 0 set to 7EH and internal RAM locations 7EH and 7FH set to 0FFH and
3FH.
DEC
A
Bytes:
1
Cycles:
1
Encoding:
0 0 0 1
0 1 0 0
Operation:
DEC
(A)←(A)
←(A)
(A)
DEC
Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 0 1
1 r r r
Operation:
DEC
(Rn)←(Rn) - 1
←(Rn) - 1
(Rn) - 1
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com