Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89C53RC Datasheet(PDF) 72 Page - STCmicro Technology Co,.Ltd

Part # STC89C53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89C53RC Datasheet(HTML) 72 Page - STCmicro Technology Co,.Ltd

Back Button STC89C53RC Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC89C53RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 165 page
background image
RLC A
Function:
Rotate Accumulator Left through the Carry flag
Description:
The eight bits in the Accumulator and the carry flag are together rotated one bit to the left. Bit
7 moves into the carry flag; the original state of the carry flag moves into the bit 0 position.
No other flags are affected.
Example:
The Accumulator holds the value 0C5H (11000101B), and the carry is zero. The instruction,
RLC
A
leaves the Accumulator holding the value 8BH (10001011B) with the carry set.
Bytes:
1
Cycles:
1
Encoding:
0 0 1 1
0 0 1 1
Operation:
RLC
(An
+1) ← (A
← (A
(An) n = 0-6
(A0) ← (C)
← (C)
(C)
(C) ← (A
← (A
(A7)
RR A
Function:
Rotate Accumulator Right
Description:
The eight bits in the Accumulator are rotated one bit to the right. Bit 0 is rotated into the bit 7
position. No flags are affected.
Example:
The Accumulator holds the value 0C5H (11000101B). The instruction,
RR
A
leaves the Accumulator holding the value 0E2H (11100010B) with the carry unaffected.
Bytes:
1
Cycles:
1
Encoding:
0 0 0 0
0 0 1 1
Operation:
RR
(An) ← (A
← (A
(An+1) n = 0 - 6
(A7) ← (A
← (A
(A0)
RRC A
Function:
Rotate Accumulator Right through the Carry flag
Description:
The eight bits in the Accumulator and the carry flag are together rotated one bit to the right.
Bit 0 moves into the carry flag; the original value of the carry flag moves into the bit 7
position.No other flags are affected.
Example:
The Accumulator holds the value 0C5H (11000101B), and the carry is zero. The instruction,
RRC
A
leaves the Accumulator holding the value 62H (01100010B) with the carry set.
Bytes:
1
Cycles:
1
Encoding:
0 0 0 1
0 0 1 1
Operation:
RRC
(An
+1) ← (A
← (A
(An) n = 0-6
(A7) ← (C)
← (C)
(C)
(C) ← (A
← (A
(A0)
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com