Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 122 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 122 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 120Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 123Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 124Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 126Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 165 page
background image
8.5 Buad Rates
The baud rate in Mode 0 is fixed:
SYSclk
12
Mode 0 Baud Rate =
The baud rate in Mode 2 depends on the value of bit SMOD in Special Function Register PCON. If SMOD =0
(which is the value on reset), the baud rate 1/
64 the System clock cycle. If SMOD = 1, the baud rate is
1
/
32 the
System clock cycle .
2SMOD
64
Mode 2 Baud Rate =
×(SYSclk)
(SYSclk)
In the STC89xx series, the baud rates in Modes 1 and 3 are determined by Timer1 or Timer 2 overflow rate.
The baud rate in Mode 1 and 3 are fixed:
Mode 1,3 Baud rate = (2
SMOD /32 ) x timer 1 overflow rate
= (2
SMOD /32 ) x timer 2 overflow rate
Timer 1 overflow rate = (SYSclk/12)/(256 - TH1);
Timer 2 overflow rate = SYSclk/(65536-(RCAP2H,RCAP2L))
When Timer 1 is used as the baud rate generator, the Timer 1 interrupt should be disabled in this application.
The Timer itself can be configured for either “timer” or “cormter” operation, and in any of its 3 running modes.
In the most typcial applications, it is configured for “timer” operation, in the auto-reload mode (high nibble of
TMOD = 0010B).
One can achieve very low baud rate with Timer 1 by leaving the Timer 1 interrupt enabled, and configuring the
Timer to run as a 16-bit timer (high nibble of TMOD = 0001B), and using the Timer 1 interrupt to do a l6-bit
software reload.
The following table lists various commonly used baud rates and how they can be obtained from Timer 1.
Baud Rate
f
OSC
SMOD
Timer 1
C/T Mode
Reload
Value
Mode 0 MAX: 1MHZ
Mode 2 MAX: 375K
Mode 1,3: 62.5K
19.2K
9.6K
4.8K
2.4K
1.2K
137.5
110
110
12MHZ
12MHZ
12MHZ
11.059MHZ
11.059MHZ
11.059MHZ
11.059MHZ
11.059MHZ
11.986MHZ
6MHZ
12MHZ
X
1
1
1
0
0
0
0
0
0
0
X
X
0
0
0
0
0
0
0
0
0
X
X
2
2
2
2
2
2
2
2
1
X
X
FFH
FDH
FDH
FAH
F4H
E8H
1DH
72H
FEEBH
Timer 1 Generated Commonly Used Baud Rates
When Timer 2 is used as the baud rate generator (either TCLK or RCLK in T2CON is '1'), the baud rate is as
follows,
Mode 1,3 Baud rate =
2
SMOD ×SYSclk
SYSclk
32×(65536-(RCAP2H,RCAP2L))
65536-(RCAP2H,RCAP2L))
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com