Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 126 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 126 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 123Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 124Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 130Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 165 page
background image
ISP_CONTR: ISP/IAP Control Register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
ISPEN
SWBS SWRST
-
-
WT2
WT1
WT0
ISPEN : ISP/IAP operation enable.
0 : Global disable all ISP/IAP program/erase/read function.
1 : Enable ISP/IAP program/erase/read function.
SWBS: software boot selection control.
0 : Boot from main-memory after reset.
1 : Boot from ISP memory after reset.
SWRST: software reset trigger control.
0 : No operation
1 : Generate software system reset. It will be cleared by hardware automatically.
Note: Software reset actions could reset other SFR, but it never influence bits ISPEN and SWBS. The ISPEN and
SWBS only will reset by power-up action, while not software reset.
B3: Reserved. Software must write “0” on this bit when ISP_CONTR is written.
WT2~WT0 : Waiting time selection while flash is busy.
Setting wait times
CPU wait times
WT2 WT1 WT0
Read
Program
<=55uS
Sector Erase
<=21mS
Recommended System
Clock Frequency (MHz)
0
1
1
6 SYSclks
30 SYSclks
5471 SYSclks
5MHz
0
1
0
11 SYSclks
60 SYSclks
10942 SYSclks
10MHz
0
0
1
22 SYSclks
120SYSclks
21885SYSclks
20MHz
0
0
0
43 SYSclks
240 SYSclks
43769 SYSclks
40MHz
9.2 STC89xx series internal EEPROM Selection Table
STC89xx series MCU internal EEPROM Selection Table
Type
EEPROM
(Byte)
Sector
Numbers
Begin_Sector
Begin_Address
End_Sector
End_Address
STC89C/LE51RC
4K
8
0000H
0FFFH
STC89C/LE52RC
4K
8
0000H
0FFFH
STC89C/LE54RD+
45K
90
0000H
0B3FFH
STC89C/LE58RD+
29K
58
0000H
73FFH
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com