Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 129 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 129 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 129Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 130Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 131Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 132Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 133Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 165 page
background image
9.4 Operating internal EEPROM Demo by Assembly Language
;/*-------------------------------------------------------------------------------------*/
;/* --- STC MCU International Limited ----------------------------------------*/
;/* --- STC89xx Series MCU ISP/IAP/EEPROM Demo -----------------------*/
;/* If you want to use the program or the program referenced in the */
;/* article, please specify in which data and procedures from STC */
;/*-------------------------------------------------------------------------------------*/
;/*Declare SFRs associated with the IAP */
ISP_DATA
EQU
0E2H
;Flash data register
ISP_ADDRH
EQU
0E3H
;Flash address HIGH
ISP_ADDRL
EQU
0E4H
;Flash address LOW
ISP_CMD
EQU
0E5H
;Flash command register
ISP_TRIG
EQU
0E6H
;Flash command trigger
ISP_CONTR
EQU
0E7H
;Flash control register
;/*Define ISP/IAP/EEPROM operation const for IAP_CONTR*/
ENABLE_ISP
EQU
80H
;if SYSCLK>20MHz
;ENABLE_ISP
EQU
81H
;if SYSCLK<20MHz
ENABLE_ISP
EQU
82H
;if SYSCLK<10MHz
;ENABLE_ISP
EQU
83H
;if SYSCLK<5MHz
DEBUG_DATA
EQU
5AH
;Select MCU type
DATA_FLASH_START_ADDRESS
EQU
2000H
;STC89C/LE52RC
;-------------------------------------------------
ORG
0000H
LJMP
MAIN
;-------------------------------------------------
ORG
0100H
MAIN:
MOV
P1,
#0F0H
;1111,0000 System Reset OK
LCALL DELAY
;Delay
MOV
P1,
#0F0H
;1111,0000 System Reset OK
LCALL DELAY
;Delay
MOV
SP,
#0E0H
;Initialize stack pointer
;**********************************
;Read the first byte written into Flash
MAIN1:
MOV
DPTR,
#DATA_FLASH_START_ADDRESS
LCALL Byte_Read
MOV
40H,
A
CJNE
A,
#DEBUG_DATA, DATA_NOT_EQU_DEBUG_DATA
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com