Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 125 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 125 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 123Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 124Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 125Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 126Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 127Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 128Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 129Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 165 page
background image
ISP_ADDRL: ISP/IAP Flash Address Low
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
ISP_ADDRL is the low port for all ISP/IAP modes. In page erase operation, it is ignored.
ISP_CMD: ISP/IAP Flash Command Register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
-
-
-
-
-
MS2
MS1
MS0
B7~B2: Reserved.
MS2, MS1, MS0 : ISP/IAP operating mode selection. IAP_CMD is used to select the flash mode for
performing numerous ISP/IAP function or used to access protected SFRs.
0, 0, 0 : Standby
0, 0, 1 : Data Flash/EEPROM read.
0, 1, 0 : Data Flash/EEPROM program.
0, 1, 1 : Data Flash/EEPROM page erase.
ISP_TRIG: ISP/IAP Flash Command Trigger.
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
ISP_TRIG is the command port for triggering ISP/IAP activity and protected SFRs access. If ISP_TRIG is filled
with sequential 0x46h, 0xB9h and if ISPEN(ISP_CONTR.7) = 1, ISP/IAP activity or protected SFRs access will
triggered.
ISP_DATA: ISP/IAP Flash Data Register
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
ISP_DATA is the data port register for ISP/IAP operation. The data in ISP_DATA will be written into
the desired address in operating ISP/IAP write and it is the data window of readout in operating ISP/
IAP read.
ISP_ADDRH: ISP/IAP Flash Address High
LSB
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
ISP_ADDRH is the high-byte address port for all ISP/IAP modes.
ISP_ADDRH[7:5] must be cleared to 000, if one bit of ISP_ADDRH[7:5] is set, the IAP/ISP write
function must fail.
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com