Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 101 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 101 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 97Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 98Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 99Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 100Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 101Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 102Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 103Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 104Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 105Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
NUC505
July. 26, 2018
Page 101 of 130
Rev.1.08
USB 1.1 Host Controller (USBH)
6.16
6.16.1 Overview
The NUC505 series is equipped with one USB 1.1 Host Controller (USBH) that supports Open
Host Controller Interface (OpenHCI, OHCI) Specification and register-level description of a host
controller to manage the devices and data transfer of Universal Serial Bus (USB).
The USBH supports an integrated Root Hub with a USB port, a DMA for real-time data transfer
between system memory and USB bus, port power control and port overcurrent detection.
The USBH is responsible for detecting the connect and disconnect of USB devices, managing
data transfer, collecting status and activity of USB bus, providing power control and detecting
overcurrent of attached USB devices.
6.16.2 Features
Supports Universal Serial Bus (USB) Specification Revision 1.1.
Supports Open Host Controller Interface (OpenHCI) Specification Revision 1.0.
Supports both full-speed (12Mbps) and low-speed (1.5Mbps) USB devices.
Supports Control, Bulk, Interrupt and Isochronous transfers.
Supports an integrated Root Hub.
Supports one USB host port in LQFP48 or LQFP64 and two USB host ports in QFN88
Supports port power control and port overcurrent detection.
Supports DMA for real-time data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com