Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 105 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 105 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 101Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 102Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 103Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 104Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 105Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 106Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 107Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 108Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 109Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 130 page
background image
NUC505
July. 26, 2018
Page 105 of 130
Rev.1.08
DC Characteristics
7.2
(
VDD - VSS = 3 ~ 3.6 V, TA = 25C)
SYMBOL
PARAMETER
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
Operation Voltage
3
3.3
3.6
V
VSS
AVSS
Power Ground
-0.3
-
-
V
VDD12
Core Logic and I/O
Buffer Pre-Driver
Voltage
1.08
1.2
1.32
V
VBAT
RTC Power
Supply
2
-
3.6
V
IBAT_EX
External crystal
RTC Supply
Current
-
4
-
uA
IBAT_IN
Internal RC RTC
Supply Current
0.1
0.6
0.9
uA
FINT_RC
Internal RC
frequency
15
32
90
Khz
VOH
High Level Output
Voltage
2.4
-
-
V
VOL
Low Level Output
Voltage
-
-
0.4
V
VIH
Input High Voltage
2.0
-
-
V
VIL
Input Low Voltage
-
-
0.8
V
VTH
Switch Threshold
0.87
1.05
1.2
V
Schmitt-falling-trigger
1.65
1.9
2.1
V
Schmitt-rising-trigger
RPU
Input Pull-up
Resist
32
53
120
kΩ
VIN = Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com