Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 9Page - STMicroelectronics TDA9112A Datasheet HTML 10Page - STMicroelectronics TDA9112A Datasheet HTML 11Page - STMicroelectronics TDA9112A Datasheet HTML 12Page - STMicroelectronics TDA9112A Datasheet HTML 13Page - STMicroelectronics TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
TDA9112A
13/60
Notes about vertical section
Note 10: Value of acceptable cumulated parasitic load resistance due to humidity, AGC storage capacitor leakage, etc.,
for less than 1% of Vamp change.
Note 11: The threshold for VVOB is generated internally and routed to VOscF pin. Any DC current on this pin will
influence the value of VVOB.
Note 12: Maximum of deviation from an ideally linear sawtooth ramp at null S-correction (
SCOR at 0000000b) and null
C-correction (
CCOR at 1000000b). The same rate applies to V-drive signal on VOut pin, no effect on EWOut.
Note 13: Maximum S-correction (
SCOR at x1111111b), null C-correction (CCOR at 1000000b).
Note 14: Null S-correction (
SCOR at 0000000b).
Note 15: "tVR" is time from the beginning of vertical ramp of V-drive signal on VOut pin. "TVR" is the duration of this ramp,
see Chapter 7 - page 22 and Figure 19.
Note 16: If VVEHT=VVEHTnull or VHEHT=VHEHTnull, respectively, the influence of VVEHT on vertical drive amplitude
or the influence of VHEHT on EW drive signal, respectively, is null.
Note 17: VVOamp = VVOT -VVOB
Note 18: Only the top of the saw tooth drifts. The same rate applies to V-drive signal on VOut pin.
Note 19: Informative, not tested on each unit.
Note 20:
VSIZE at medium value 1000000b.
Note 21:
VPOS at medium value 1000000b.
Note 22:
VPOF at medium value 1000000b.
Note 23:
VSAG at maximum value 1111111b.
IVOut
Current delivered by VOut output
-5
0.25
mA
VSCor
S-correction range
(13)(20)(21)
AGC loop stabilized
tVR=1/4 TVR
(15)
tVR=3/4 TVR
-4.5
+4.5
%
%
VCCor
C-correction range
(14)(20)(21)
AGC loop stabilized
tVR=1/2 TVR
(15)
CCOR(Sad0Ah):
x0000000b
x1000000b
x1111111b
-2.5
0
+2.5
%
%
%
VVEHT
Control input voltage range on-
VEHTIn pin
146
V
VVEHTnull
Neutral point on breathing char-
acteristics(16)
4.0
V
Breathing compensation
VRefO
< VVEHT < VCC
VVEHT(min)≤VVEHT≤VVE-
HT(max):
VEHTG (Sad1Ch):
x0000000b
x1000000b
x1111111b
0
5
0
-5
%/V
%/V
%/V
%/V
Table 2. Vertical section (Vcc = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
/Vamp
/Vamp
V
amp
∆
V
amp
V
VEHT
∆
⋅
-----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com