Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 23Page - STMicroelectronics TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics TDA9112A Datasheet HTML 28Page - STMicroelectronics TDA9112A Datasheet HTML 29Page - STMicroelectronics TDA9112A Datasheet HTML 30Page - STMicroelectronics TDA9112A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
TDA9112A
27/60
8 I²C-BUS CONTROL REGISTER MAP
The device slave address is 8C in write mode and 8D in read mode. The control register map is given in
Table .
Bold weight denotes default value at Power-On-Reset.
I²C-bus data in the adjustment register is buffered and internally applied with discharge of the vertical os-
cillator (65).
In order to ensure compatibility with future devices, all “Reserved” bits should be set to 0.
Table 8. I²C-bus control registers
Sad
D7
D6
D5
D4
D3
D2
D1
D0
WRITE MODE (SLAVE ADDRESS = 8C)
00
HDutySyncV
1: Synchro.
0: Asynchro.
HDUTY
Horizontal duty cycle
0
0
0
0
0
0
0
01
HPOS
Horizontal position
1
0
000
00
0
02
HMoiréMode
1: Separated
0: Combined
HMOIRE
Horizontal moiré amplitude
0
000
00
0
03
B+SyncV
0: Asynchro.
BREF
B+reference
1
000
00
0
04
HDyCorTr
0: Not active
HVDC-HAMP
HVDyCor horizontal amplitude
1
000
00
0
05
HDyCorPh
1: Middle
0: Start
HVDC-HPH
HVDyCor horizontal phase
1
000
00
0
06
BOutPol
0: Type N
HVDC-VAMP
HVDyCor vertical amplitude
1
000
00
0
07
BOutPh
0: H-flyback
1: H-drive
VSIZE
Vertical size
1
000
00
0
08
EWTrHFr
0: No tracking
VPOS
Vertical position
1
000
00
0
09
Reserved
SCOR
S-correction
1
000
00
0
0A
Reserved
CCOR
C-correction
1
000
00
0
0B
Reserved
VMOIRE
Vertical moiré amplitude
0
000
00
0
0C
Reserved
PCC
Pin cushion correction
1
000
00
0
0D
Reserved
KEYST
Keystone correction
1
000
00
0
0E
Reserved
TCC
Top corner correction
1
000
00
0
0F
Reserved
BCC
Bottom corner correction
1
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com