Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics TDA9112A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
TDA9112A
19/60
6.8
DC/DC controller section
Note 55: A current sink is provided by the BComp output while BOut is disabled.
Note 56: Internal reference related to VRefO. The same values to be found on pin BRegIn, while regulation loop is
stabilized.
Note 57: Only applies to configuration specified in "Test conditions" column, i.e. synchronization of BOut “Off-to-On”
edge with horizontal fly-back signal. Refer to chapter "DC/DC controller" for more details.
Table 5. DC/DC controller section
(VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
RB+FB
Ext. resistance applied between
BComp output and BRegIn input
5k
Ω
AOLG
Open loop gain of error amplifier on
BRegIn input
Low frequency(19)
100
dB
fUGBW
Unity gain bandwidth of error amplifier
on BRegIn input
(19)
6MHz
IRI
Bias current delivered by BRegIn
-0.2
µA
IBComp
Output current capability of BComp out-
put.
BOut enabled
BOut disabled(55)
-0.5
0.5
2.0
mA
mA
ABISense
Voltage gain on BISense input
3
VThrBIsCurr
Threshold voltage on BISense input
corresponding to current limitation
ThrBlsense = 0
ThrBlsense = 1
TBD
TBD
2.1
1.2
V
IBISense
Bias current delivered by BISense
-1
µA
tBOn
Conduction time of the power transistor
TH - 300ns
IBOut
Output current capability of BOut output
0
10
mA
VBOSat
Saturation voltage of the internal output
transistor on BOut
IBOut=10mA
0.25
V
VBReg
Regulation reference for BRegIn volt-
age(56)
VRefO=8V
BREF (Sad03h):
x0000000b
x1000000b
x1111111b
3.8
4.9
6.0
V
V
V
tBTrigDel
Delay of BOut “Off-to-On” edge after
middle of flyback pulse (57)
BOutPh = 0 and BO-
HEdge = 0
16
%
/TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com