Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 40Page - STMicroelectronics TDA9112A Datasheet HTML 41Page - STMicroelectronics TDA9112A Datasheet HTML 42Page - STMicroelectronics TDA9112A Datasheet HTML 43Page - STMicroelectronics TDA9112A Datasheet HTML 44Page - STMicroelectronics TDA9112A Datasheet HTML 45Page - STMicroelectronics TDA9112A Datasheet HTML 46Page - STMicroelectronics TDA9112A Datasheet HTML 47Page - STMicroelectronics TDA9112A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
TDA9112A
44/60
Figure 14. Geometric corrections’ schematic diagram
Int. V-ramp
To HPLL2
H-Ramp
generator
Tracking
with hor.
frequency
Controls:
1-quadrant
2-quadrant
(linear, before
corrections)
VDyCor
HVDyCor
11
EWOut
24
HEHTIn
X2
X4
X3
Xn
-1
32
17
Internal dynamic
phase waveform
9
HPLL1F
HEHTG
HSIZE
EWTrHFr
1
0
VHOThrfr
0V
KEYST
PCC
TCC
BCC
EWWC
EWSC
PARAL
PCAC
TCAC
BCAC
Keystone
Pin cushion
Top corner
Bot. corner
“W”
“S”
Parallelogram
Pin cushion
asymmetry
Top corner
asymmetry
Bottom corner
asymmetry
Breathing
Vmidref
VDC-AMP
HVDC-HAMP
HVDC-VAMP
HVDC-HSHAP
VDyCorPol
HVDyCorPol
Shape
H-size control
VVD-DC
VHVD-DC
VHEHTnull
VEW-base
0V
VEW(min)
VEW(max)
0V
DC
0...2.5V
tracking
HSIZE
tracking
HVDC-HPH
Phase
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com