Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics TDA9112A Datasheet HTML 23Page - STMicroelectronics TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics TDA9112A Datasheet HTML 28Page - STMicroelectronics TDA9112A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
TDA9112A
25/60
Top corner
asymmetry
correction
13h
x0000000
x1111111
Bottom corner
asymmetry
correction
14h
x0000000
x1111111
Vertical
dynamic
correction
amplitude
15h
VDyCor
(32)
01111111
Application dependent
x0000000
11111111
HVDyCor
vertical
amplitude
06
HVDyCor
(11)
HVDyCorPol=0
x0000000
Application dependent
x1111111
Table 7. Typical output waveforms - Note 64
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tVR
0
½TVR
TVR
static
H-phase
tTCAC
tVR
0
½TVR
TVR
static
H-phase
tTCAC
tVR
0
½TVR
TVR
static
H-phase
tBCAC
tVR
0
½TVR
TVR
static
H-phase
tBCAC
tVR
0
½TVR
TVR
VDyCorPol=0
VVD-V
VVD-DC
tVR
0
½TVR
TVR
VVD-DC
VVD-V
tVR
0
½TVR
TVR
VDyCorPol=1
VVD-D
VVD-V
tVR
0
½TVR
TVR
VHVD-
VHVD-V
tVR
0
½TVR
TVR
VHVD-
VHVD-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com