Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 45Page - STMicroelectronics TDA9112A Datasheet HTML 46Page - STMicroelectronics TDA9112A Datasheet HTML 47Page - STMicroelectronics TDA9112A Datasheet HTML 48Page - STMicroelectronics TDA9112A Datasheet HTML 49Page - STMicroelectronics TDA9112A Datasheet HTML 50Page - STMicroelectronics TDA9112A Datasheet HTML 51Page - STMicroelectronics TDA9112A Datasheet HTML 52Page - STMicroelectronics TDA9112A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
TDA9112A
49/60
internal reference and so the output voltage is I²C-
bus adjustable by means of
BREF I²C-bus control.
Both step-up (DC/DC converter output voltage
higher than its input voltage) and step-down (out-
put voltage lower than input) can be built.
9.7.1
Synchronization of DC/DC controller
For sake of application flexibility, the output drive
signal on BOut pin can be synchronized with one of
four events in Table 9. For the first line case, the
synchronization instant is every second top of hor-
izontal VCO saw tooth. See Figure 7.
9.7.2
Soft-start and soft-stop on B-drive
The soft-start and soft-stop procedure is carried
out at each switch-on or switch-off of the B-drive
signal, either via HBOutEn I²C-bus bit or after re-
set of XRayAlarm I²C-bus flag, to protect external
power component. See Figure 10 and sub chapter
Safety functions
on page 50.
The drive signal on BOut pin can be switched off
alone by means of BMute I²C-bus bit, without
switching off the drive signal on pin HOut. The
switch-off is quasi-immediate, without the soft-stop
procedure. At switching back on, the soft-start of
the DC/DC controller is performed, timed by an in-
ternal timing circuit, see Figure 18.
When BSafeEn I²C-bus bit is enabled, the drive
signal on BOut pin will go off as soon as the hori-
zontal PLL1 indicates unlocked state, without the
soft-stop. Resuming of locked state will initiate the
soft-start mechanism of the DC/DC controller,
timed by an internal timing circuit.
Table 9. IDC/DC controller Off-to-On edge timing
Figure 18. DC/DC converter controller block diagram
BOutPh
(Sad07h/D7)
BOHEdge
(Sad17h/D3)
Timing of Off-to-On transition on BOut output
0
1
VCO ramp top at Horizontal frequency divided by two
0
0
Middle of H-flyback plus tBTrigDel
1
0
Falling edge of H-drive signal
1
1
Rising edge of H-drive signal
N type
Soft start
H-drive edge
H-fly-back
+
-
+
-
+
-
~500ns
Monostable
P type
Feedback
C2
(I²C)
B-drive inhibition
(I²C)
(+delay)
(I²C)
2R
R
VBReg
I1
I2
I3
VC2
O1
÷2
28
BOut
16
BISense
10
HPosF
14
BComp
15
BRegIn
BOutPol
BOutPh
BOHEdge
VThrBIsCurr
VCO
1
0
1
0
1
0
VCC
C1
S
Q
R
(safety functions)
timing
+
-
B-drive protection at H-unlock
(safety functions)
C3
Safety block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com