Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics TDA9112A Datasheet HTML 23Page - STMicroelectronics TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
TDA9112A
23/60
C-correction
0A
VOut
(23)
x0000000
x1000000 :
Null
x1111111
Vertical moiré
amplitude
0B
VOut
(23)
x0000000:
Null
x1111111:
Max.
Horizontal size
10h
EWOut
(24)
00000000
11111111
Keystone
correction
0D
EWOut
(24)
x0000000
x1111111
Pin cushion
correction
0C
EWOut
(24)
x0000000
x1111111
Table 7. Typical output waveforms - Note 64
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tVR
0
½TVR
TVR
Vamp
VCCor
tVR
0
½TVR
TVR
Vamp
tVR
0
½TVR
TVR
Vamp
VCCor
t
nTV
(n+1)TV
(n-1)TV
Vamp
t
nTV
(n+1)TV
(n-1)TV
VV-moiré
Vamp
tVR
0
½TVR
TVR
VEW-DC
tVR
0
½TVR
TVR
VEW-DC
VEW-Key
tVR
0
½TVR
TVR
VEW-DC
VEW-Key
VEW-DC
tVR
0
½TVR
TVR
VEW-PCC
tVR
0
½TVR
TVR
VEW-PCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com