Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 13Page - STMicroelectronics TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
TDA9112A
17/60
6.7
Dynamic correction outputs section
Table 4. Dynamic correction outputs section
(VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
Composite Horizontal and Vertical Dynamic Correction output HVDyCor
IHVDyCor
Current delivered by HVDyCor
output
-2
1
mA
VHVD-DC
DC component of the drive signal
on HVDyCor output
HVDyCorPol = 0
HVDyCorPol = 1
TBD
TBD
2.1
7.30
TBD
TBD
V
V
Temperature drift of DC component
of the drive signal on HVDyCor
(19)
200
ppm/°C
VHVD-H
Amplitude of H-component of the
drive signal on HVDyCor output
(45)(46)
HDyCorTr = 0
HVDC-HSHAP = min
HVDC-HAMP (Sad04h):
x0000000b
x1000000b
x1111111b
HVDC-HSHAP = max
HVDC-HAMP (Sad04h):
x0000000b
x1000000b
x1111111b
4.8
1.8
1
4.5
1.5
1
V
V
V
V
V
V
SHVDC-HSHAP
Power index of the H-component of
the drive signal on HVDyCor output
(53)
HVDC-HSHAP (Sad18h)
x0000000b
x1000000b
x1111111b
2
2.8
4
Impact of horizontal size adjust-
ment on HVDyCor H-parabola com-
ponent (tracking) (47)
HSIZE (Sad10h):
00000000b
11111111b
(48)
1
tHVD-Hoffset
Offset (phase) of H-parabola com-
ponent of the drive signal on
HVDyCor output (50)
HVDC-HPH (Sad05h):
x0000000b
x1000000b (51)
x1111111b
+24.5
0
-24.5
%
%
%
tHVD-Hflat
Duration of the flat part at the start
of H-parabola component of the
drive signal on HVDyCor output (50)
fHO=31kHz
HDCFlatEn = 0 or/and
HDyCorPh = 0
850
ns
HDCFlatEn = 1
HDyCorPh = 1
(54)
VHVD-V
Amplitude of V-parabola compo-
nent of the drive signal on HVDyCor
output
(28)
VSIZE at x1000000b
HVDC-VAMP (Sad06h):
x0000000b
x1000000b
x1111111b
HVDC-VAMP at max.:
VSIZE (Sad07h):
x0000000b
x1111111b
0
0.6
1.2
0.7
1.9
V
V
V
V
V
V
HVD DC
–
∆
V
HVD DC
–
T
∆
⋅
--------------------------------------------
V
HVD H
–
TrHSOn
[]
V
HVD H
–
TrHSOff
[]
---------------------------------------------------------------
/TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com