Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
TDA9112A
18/60
Notes about dynamic output section
Note 45:
HVDC-VAMP at minimum.
Note 46:
HVDC-HPH at medium.
Note 47: Ratio of the amplitude at HDyCorTr=1 to the amplitude at HDyCorTr=0 (refer to chapter "I²C-bus control
register map") as a quadratic function of horizontal size adjustment.
Note 48: (1.38)SHVDC-HSHAP
Note 49: Ratio "A/B"of vertical parabola component voltage at tVR=0 versus vertical parabola component voltage at
tVR=TVR.
Note 50: Refer to Figure 16.
Note 51: Taken for reference at given position of HDyCorPh flag.
Note 52: Unsigned value. Polarity selection by VDyCorPol I²C-bus bit. Refer to section I²C-bus control register map.
Note 53: Value gives the shape characteristics of the H-component. Refer to Figure 17.
Note 54: The flat part begins at the start of fly-back and ends at the same moment as for combination HDCFlatEn = 0,
HDyCorPh = 1. Refer to Figure 16.
Tracking of V-parabola component
of the drive signal on HVDyCor out-
put with vertical position (49)
HVDC-VAMP at max.:
VPOS (Sad08h):
x0000000b
x1111111b
0.5
2.0
Vertical Dynamic Correction output VDyCor
IVDyCor
Current delivered by VDyCor output
-1.5
0.1
mA
VVD-DC
DC component of the drive signal
on VDyCor output
RL(VDyCor)=10kΩ
4V
VVD-V
Amplitude of V-parabola on VDyCor
output(52)
(28)
VSIZE at medium
VDC-AMP (Sad15h):
x0000000b
x1000000b
x1111111b
VDC-AMP at maximum
VSIZE (Sad07h):
x0000000b
x1111111b
0
0.5
1
0.6
1.6
V
V
V
V
V
Tracking of V-parabola on VDyCor
output with vertical position (49)
VDC-AMP at maximum
VPOS (Sad08h):
x0000000b
x1111111b
0.5
2.0
Table 4. Dynamic correction outputs section
(VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
V
HVD V
–
t
VR
0
=
[]
V
HVD V
–
t
VR
T
VR
=
[]
-------------------------------------------------------------
V
VD V
–
t
VR
0
=
[]
V
VD V
–
t
VR TVR
=
[]
-------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com