Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112A Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics TDA9112A Datasheet HTML 23Page - STMicroelectronics TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
TDA9112A
21/60
Notes about Miscellaneous section
Note 58: Current sunk by the pin if the external voltage is higher than one the circuit tries to force.
Note 59: See VRefO in Section 6.2.
Note 60: In the regions of VCC where the device’s operation is disabled, the H-drive, V-drive and B+-drive signals on
HOut, VOut and BOut pins, resp., are inhibited, the I²C-bus does not accept any data and the XRayAlarm flag
is reset. Also see Figure 10.
Note 61: See Figure 10.
Note 62: When VCC is below VCCXRayEn XRay detection and protection are disabled.
Note 63: Minimum momentary supply voltage to ensure a correct performance of Soft stop function at VCC fall down is
defined at the moment when the voltage on HPosF pin reaches VHOn threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com