Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 15Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
13
Oct 01, 2013
Version: 1.4
7.4. DC Characteristics (VDD = 2.7V, VDDIO = 2.7V (PortA & B) , TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Operating Voltage
VDD
2.4
2.7
3.6
V
-
Operating Current
IOP
-
17
-
mA
FOSC = 49.152MHz,
AD, DAC disable, no loading
Standby Current
ISTB
-
-
2.0
μA
Disable 32KHz crystal
Input High Level
VIH
0.7VDDIO
-
-
V
-
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
IOH
-
-1.9
-
mA
VOH = 2.1V
Output Low Current
IOL
-
4.4
-
mA
VOL = 0.5V
Input Pull-Low Resister
(PA15 :0, PB15 :0)
RPL
-
230
-
K
Ω
VIN = VDDIO
Input Pull-High Resister
(PA15 :0, PB15 :0)
RPH
-
325
-
K
Ω
VIN = VSS
7.5. DC Characteristics (VDD = 2.4V, VDDIO = 2.4V (PortA & B) ,TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Operating Voltage
VDD
2.4
2.4
3.6
V
-
Operating Current
IOP
-
14
-
mA
FOSC = 49.152MHz,
AD, DAC disable, no loading
Standby Current
ISTB
-
-
2.0
μA
Disable 32KHz crystal
Input High Level
VIH
0.7VDDIO
-
-
V
-
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
IOH
-
-1.5
-
mA
VOH = 1.92V
Output Low Current
IOL
-
3.5
-
mA
VOL = 0.48V
Input Pull-Low Resister
(PA15 :0, PB15 :0)
RPL
-
275
-
K
Ω
VIN = VDDIO
Input Pull-High Resister
(PA15 :0, PB15 :0)
RPH
-
395
-
K
Ω
VIN = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com