Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
11
Oct 01, 2013
Version: 1.4
6.11. Serial interface I/O (SIO)
Serial
interface
I/O
offers
a
one-bit
serial
interface
for
communication.
This serial interface is capable of transmitting or
receiving data via two I/O pins, IOB0 (SCK) and IOB1 (SDA).
Ax+1
Ax
Ax-1
A0
Dx+1
Dx
D0
Dx+1
Dx
D0
SDA
1st write P_SIO_Data (W), $701AH
2nd write P_SIO_Data (W), $701AH
STOP
WRITE MODE
Ax+1
Ax
Ax-1
A0
Dx+1
Dx
D0
Dx+1
Dx
D0
SCK
SDA
SDA
1st Read P_SIO_Data (R), $701AH
2nd Read P_SIO_DAta (R), $701AH
STOP
READ MODE
write control bit=0
read control bit = 1
SCK
SDA
6.12. UART
UART block provides a full-duplex standard interface that
facilitates the communication with other devices.
With this
interface, GPCE can transmit and receive simultaneously.
The
maximum baud-rate can be up to 115200bps.
This function can
be accomplished by using PortB and Interrupt (UART IRQ).
The
Rx and Tx of UART are shared with IOB7 and IOB10.
When
GPCE040A receives and/or transmits a frame of data, the b7
(RxRDY) and/or b6 (TxRDY) in Port_UART_Command2(R) will be
set to “1” and the UART IRQ is activated at the same time.
D0
D1
D2
D3
D4
D5
D6
D7
parity
bit
stop
bit
start
bit
8-bit data
can be enabled/disable;
also even/odd check
1-bit Stop
1-bit Start
6.13. Audio Algorithm
The following speech types can be used in GPCE040A: PCM,
SACM_S200,
SACM_S480,
SACM_S530,
SACM_S720,
SACM_A1600, SACM_A1601, SACM_A3600, SACM_DVR520,
SACM_DVR1600, SACM_DVR3200, and SACM_DVR4800.
For
melody synthesis, the GPCE040A supports SACM_MS01 (FM)
and SACM_MS02 (wave-table) synthesizers.
6.14. Bonding Option Summary
The GPCE040A has the following bonding option:
6.14.1. Watchdog function
WDGOPT is the optional pin for watchdog by bonding option.
The shape looks as the figure given below.
When watchdog is
selected, WDGOPT is unbonded.
If watchdog is not selected,
WDGOPT is bonded.
The reason for WDGOPT adjacent to VDD
is that when watchdog is not selected, it is easy to make the
connection between VDD and WDGOPT.
VDD
WDGOPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com