Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 15Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
14
Oct 01, 2013
Version: 1.4
7.6. ADC Characteristics (VDD = 3.3V, TA = 25℃)
Unit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
ADC Power Dissipation for LINE_IN
IADC
-
1.0
-
mA
ADC Power Dissipation For MIC_IN
-
-
1.9
-
mA
ADC LINE_IN Input Voltage Range from
IOA[6:0]
VINL (Note 1)
VSS-0.3
-
VDD+0.3
V
ADC Microphone Input Voltage Range
VINM
VSS-0.3
-
VDD+0.3
V
External ADC Top Voltage
VEXTREF (Note 2)
2.0
-
VDD+0.3
V
Resolution of ADC
RESO
-
-
10
bits
Signal-to-Noise Plus Distortion of ADC from
Line In
SINAD (Note 4)
-
56
-
dB
Effective Number of Bit
ENOB (Note 5)
8.0
9.0
-
bits
Integral Non-Linearity of ADC
INL
-
±4.0
-
LSB (Note 3)
Differential Non-Linearity of ADC
DNL (Note 6)
-
±0.5
-
LSB
AD Conversion Rate
FCONV
-
-
Fcpu/512
Hz
Microphone Amplifier Gain (Note 7)
A MIC
-
-
42
dB
Note1:
Internal protection diodes clamp the analog input to VDD and VSS. These diodes allow the analog input to swing from (VSS-0.3V) to (VDD+0.3V)
without causing damages to the devices.
Note2:
The ADC performance is limited by the system noise level and therefore, the GPCE040A only guarantees to the 8-bit accuracy when VEXTREF is 2.0V.
Note3:
The LSB means Least Significant Bit. VINL = 2.0V, 1LSB = 2.0V/2^10 = 1.953mV.
Note4:
The SINAD testing condition at VINLp-p = 0.8*VDD, FCONV = Fcpu/512 = 49MHz/512 = 95KHz, Fin=1.0KHz Sine waves at VDD = 3.0V from the IOA
[6:0] input.
Note5:
ENOB = (SINAD-1.76)/6.02.
Note6:
The ADC of GPCE040A guarantees no data missed during conversion.
Note7:
The microphone amplifier maximum gain = 15 * (60K/(1.5K+REXT) V/V. The REXT is external resistor between OPI and MICOUT. The gain is 132V/V
(=42dB) when REXT is 5.1K.
7.7. DAC Characteristics (TA = 25℃)
Unit
Characteristics
Test condition
Symbol
Min.
Typ.
Max.
Unit
DAC resolution
VDD = 3.3V
RESO
-
-
10
bit
Signal to Noise Ratio of DAC
VDD = 3.3V
SNR
-
54
-
dB
Sample Rate
VDD = 3.3V
FS
-
-
100K
Hz
VDD = 3.3V (2.0mA mode)
-
2.0
-
Output DAC current
(AUD1, AUD2)
VDD = 3.3V (3.0mA mode)
IAUD
-
3.0
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com