Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 15 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 15 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 13Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 14Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 15Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 16Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 17Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 19Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
15
Oct 01, 2013
Version: 1.4
7.8. Pull High Resister and VDDIO
0
100
200
300
400
500
2.4
3.4
4.4
VDD
IO(V)
7.9. I/O Output High Current IOH and VOH
0
5
10
15
0.5
1.5
2.5
3.5
4.5
V
OH (V)
7.10. Pull Low Resister and VDDIO
2.4
3.4
4.4
VDDIO(V)
0
100
200
300
7.11. I/O Output Low Current IOL and VOL
0.5
1.5
2.5
3.5
4.5
V
OL(V)
0
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com