Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 23 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 23 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 18Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 19Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 20Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 21Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 22Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 23Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 24Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 25Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 26Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
23
Oct 01, 2013
Version: 1.4
Dimension in inch
Symbol
Min.
Typ.
Max.
E
0.551 BSC.
E1
0.472 BSC.
e
0.020 BSC.
L1
0.039 REF
PAD No.
PAD Name
PAD No.
PAD Name
1
X32O
38
VDDIO
2
X32I
39
VDDIO
3
TEST
40
IOA8
4
N/C
41
N/C
5
VDD
42
N/C
6
N/C
43
IOA9
7
N/C
44
IOA10
8
VSS
45
IOA11
9
N/C
46
IOA12
10
VSS
47
IOA13
11
N/C
48
IOA14
12
DAC1
49
IOA15
13
DAC2
50
N/C
14
V2VREF
51
N/C
15
AVSS
52
VSSIO
16
AGC
53
N/C
17
OPI
54
SLEEP
18
MICOUT
55
IOB15
19
MICN
56
IOB14
20
N/C
57
IOB13
21
MICP
58
IOB12
22
VADREF
59
IOB11
23
VEXTREF
60
NC
24
AVDD
61
N/C
25
VMIC
62
N/C
26
N/C
63
IN/C
27
VSS
64
VDDIO
28
IOA0
65
IOB10
29
IOA1
66
IOB9
30
IOA2
67
IOB8
31
IOA3
68
IOB7
32
IOA4
69
IOB6
33
IOA5
70
IOB5
34
IOA6
71
IOB4
35
IOA7
72
IOB3
36
VSSIO
73
IOB2
37
VSSIO
74
IOB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com