Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE040A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPCE040A
Description  16-bit Sound Controller with 24K x 16 ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE040A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPCE040A Datasheet HTML 4Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 5Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 6Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 7Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 8Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 9Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 10Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 11Page - Generalplus Technology Inc. GPCE040A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
GPCE040A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Oct 01, 2013
Version: 1.4
6.5. Low Voltage Detection and Low Voltage Reset
6.5.1. Low voltage detection (LVD)
The Low Voltage Detection (LVD) reports the circumstance of
present voltage.
There are three LVD levels to be selected: 2.5V,
2.9V, and 3.3V.
These levels can be programmed via
Port_LVD_Ctrl (W).
As an example, suppose LVD is given to
2.9V.
When the voltage drops below 2.9V, the b15 of
Port_LVD_Ctrl is read as HIGH.
In such state, program can be
designed to react to this condition.
6.5.2. Low voltage reset
In addition to the LVD, the GPCE040A has another important
function, Low Voltage Reset (LVR).
With the LVR function, a
reset signal is generated to reset system when the operating
voltage drops below 2.3V for 10 consecutive CPU clock cycles.
Without LVR, the CPU becomes unstable and malfunctions when
the operating voltage drops below 2.3V.
The LVR will reset all
functions to the initial operational (stable) states when the voltage
drops below 2.3V.
A LVR timing diagram is given as follows:
2.3V
VDD
F
CPU
Tvdd
Tw
Tw=F
CPU x 10 cycle
Tvdd > Tw
Treset
RESET
Treset = F
CPU x512 cycle
6.6. Interrupt
The GPCE040A has 14 interrupt sources, grouped into two types,
FIQ (Fast Interrupt Request) and IRQ (Interrupt request).
The
priority of FIQ is higher than IRQ.
FIQ is the high-priority interrupt
while IRQ is the low-priority one.
An IRQ can be interrupted by a
FIQ, but not by another IRQ.
A FIQ cannot be interrupted by any
other interrupt sources.
Interrupt Source
Interrupt Name
Priority
Fosc/1024
FIQ_PWM/IRQ0_PWM
High(FIQ)
Timer A
FIQ_TMA/ IRQ1_TMA
High(FIQ)
Timer B
FIQ_TMB/ IRQ2_TMB
High(FIQ)
Interrupt Source
Interrupt Name
Priority
EXT2
IRQ3_EXT2
Low
EXT1
IRQ3_EXT1
Low
Key change wakeup
IRQ3_KEY
Low
4096Hz
IRQ4_4KHz
Low
2048Hz
IRQ4_2KHZ
Low
1024Hz
IRQ4_1KHz
Low
4Hz
IRQ5_4Hz
Low
2Hz
IRQ5_2Hz
Low
Time-base 1
IRQ6_TMB1
Low
Time-base 2
IRQ6_TMB2
Low
UART (TxRDY or RxRDY)
UART IRQ
Low
6.7. I/O
Two I/O ports are built in GPCE040A, PortA and PortB.
The
PortA is an ordinary I/O with programmable wakeup capability.
In
addition to the regular IO function, the PortB can also perform
some special functions in certain pins.
Suppose operating
voltage is running at 3.6V (VDD) and VDDIO (power for I/O)
operates from 3.6V (VDD) to 5.5V.
In such condition, the I/O pad
is capable of operating from 0V through VDDIO.
The following
diagram is an I/O schematic.
Register
Control
logic
pull high
pull low
Pin pad
Buffer(R)
Data(R)
Port_Data(W)
Port_Buffer(W)
Port_DIR(R/W)
Port_ATTR(R/W)
Although data can be written into the same register through
Port_Data and Port_Buffer, they can be read from different places,
Buffer (R) and Data (R).
The IOA [7:0] is the key wakeup port.
To activate key wakeup function, latch data on PORT_IOA_Latch
and enable the key wakeup function.
Wakeup is triggered when
the PortA state is different from at the time latched.
In addition to
an ordinary I/O port, PortB carries some special functions.
A
summary of PortB special functions is listed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com